PART |
Description |
Maker |
68000 68000-8 68000-10 68000-6 68000-8/BXA 68000-8 |
16-/32-Bit Microprocessor 16/32位微处理 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, B) Low Cost, 300 MHz Rail-to-Rail Amplifier (Single with Disable); Package: SOT-23; No of Pins: 6; Temperature Range: Industrial Photovoltaic MOSFET Driver (4-pin SOP) Photovoltaic MOSFET Driver (4-pin SSOP T&R) 16 / 32 Bit Microprocessor
|
Electronic Theatre Controls, Inc. Signetics List of Unclassifed Manufacturers
|
65336 |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
|
International Rectifier
|
PVN012AS-TPBF PVN012APBF |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开 - 20V的,4.0a上交直流6.0a Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 20V的,4.0a上交直流6.0a
|
International Rectifier, Corp.
|
PVA1352N PVA1352NS PVA1354N PVA1354NS PVA13N |
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA 光伏功率MOSFET继电器单极常开0 - 100V的交直流375MA
|
International Rectifier, Corp.
|
PVY116-T PVY116 |
HEXFETPower MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 250mA Microelectronic Power IC
|
IRF[International Rectifier]
|
PVG612 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
|
IR International Rectifier
|
PVD1354N PVD1352N PVD1352NS PVD1354NS |
100V 1 Form A Photo Voltaic Relay in a mod. 8-pin SMT Package 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package HEXFET㈢ Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA HEXFET? Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
|
International Rectifier
|
PVT212 PVT212S PVT212S-T |
150V 1 Form A Photo Voltaic Relay in a 6-pin SIP Package Power MOSFET Photovoltaic Relay
|
IRF[International Rectifier]
|
DIG-11-08-XXX |
(DIG-1x) OPTO Isolated Photovoltaic ISO Gate MOSFET Drivers
|
Dionics
|
VOM1271 |
Photovoltaic MOSFET Driver with Integrated Fast Turn-Off, Solid-State Relay
|
Vishay Siliconix
|
PPC-4E |
Photovoltaic Power Converter
|
JDS
|
PPC-6E |
6 V Photovoltaic Power Converter
|
http://
|